PART |
Description |
Maker |
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
DZD10 DZD9.1 DZD6.2 DZD5.1 DZD2.4 DZD11 DZD12 DZD1 |
0.2W Zener Diodes PARALLELING LINK, UP TO DILM12; Approval Bodies:IEC 536; Poles, No. of:4 RoHS Compliant: NA 降至0.2W齐纳二极 surface mount silicon Zener diodes 表面贴装硅稳压二极管 Silicon Planar Type 0.2W Zener Diodes(功率损耗为0.2W的硅平面型齐纳二极管) 平面型硅降至0.2W齐纳二极管(功率损耗为降至0.2W的硅平面型齐纳二极管
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MAZ7360 MAZ7560 MAZ7051 MAZ7056 MAZ7062 MAZ7068 MA |
Zener Diodes Silicon planar type
|
PANASONIC[Panasonic Semiconductor]
|
MAZ4110 |
Zener Diodes Silicon planar type
|
Panasonic Semiconductor
|
BZT52C4V3 BZT52C62 BZT52C68 BZT52C7V5 BZT52C75 BZT |
Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage
|
Diotec Semiconductor
|
SMBZ5230 SMBZ5230B SMBZ5231 SMBZ5231B SMBZ5232 SMB |
SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE SILICON PLANAR ZENER DIODES/ 500mW/ SOT-23 PACKAGE surface mount silicon Zener diodes VOLTAGE REGULATOR DIODE
|
http:// SURGE[Surge Components] Surge Components, Inc.
|
KDZ13V KDZ12V KDZ16V KDZ11V KDZ20V KDZ10V KDZ15V K |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION/ REFERENCE VOLTAGE) ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE) 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor LED 5MM 563NM HI GRN WATER CLEAR surface mount silicon Zener diodes 硅表面贴装齐纳二极管
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
MAZZ000H MAZZ062H MAZZ068H MAZZ082H MAZZ100H MAZZ1 |
Small-signal device - Diodes - Zener Diodes Silicon planar type
|
Panasonic Semiconductor
|
ZMY200 ZMY4.3 ZMY4.7 ZMY110 ZMY150 ZMY3.9 ZMY75 ZM |
Surface mount Silicon-Zener Diodes (non-planar technology) IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-75 surface mount silicon Zener diodes 179.5 V, 1.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
HZN6.2Z4MFA |
Diodes>Zener Silicon Planar Zener Diode for Surge Absorb
|
Renesas Electronics Corporation
|
HZM6.2Z4MFA |
Diodes>Zener Silicon Planar Zener Diode for Surge Absorb
|
Renesas Electronics Corporation
|